Part Number Hot Search : 
7C471 HSMA4004 HFA1112A 2SB77 2N1800 2010D DTA114G AT91SAM
Product Description
Full Text Search
 

To Download SF801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage range 50 to 600 volts 8.0 amperes features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? good for switching mode application high temperature soldering : 26 ? 0 o c / 10 seconds at terminals pb free product at available : 99% sn above meet rohs ? environment substance directive request mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: lead solderable per mil-std-202, method 208 guranteed ? polarity: as marked ? mounting position: any ? weight: 2.24 grams maximum ratings and electrical characteristics rating 25 ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number SF801 sf802 sf803 sf804 sf805 sf806 sf807 units maximum recurrent peak reverse v oltage 50 100 150 200 300 400 600 v maximum rms voltage 35 70 105 140 210 320 420 v maximum dc blocking voltage 50 100 150 200 300 400 600 v maximum average forward rectif ied current .375"(9.5mm) lead length at tc=100 8.0 a peak for ward surge current , 8.3 ms single half s ine-wave super imposed on rated load (j edec method) 125 a maximum instantaneous forward vol tage at 8.0a 0.95 1.30 1.70 v maxi mum dc reverse cur rent tc=25 at rated dc b locking vol tage tc=100 10 500 a a maximum reverse recovery time (note 1) 35 50 ns typi cal junction capacitance (note 2) 50 pf operating and storage temperature range tj, tstg -55 +150 notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. to-220ac unit:inch(mm) .419(10.66) max .196(5.0) .163(4.16) .054(1.39) .045(1.15) .114(2.9) .098(2.5) .025(0.65) max .139(3.55) .min dia pin1 32 .177(4.5) .max .038(0.96) .019(.5) .100(2.54) .624(15.87) .548(13.93) .50(12.7) max .269(6.85) .226(5.75) data sheet SF801~sf807 semiconductor http://www.yeashin.com 1 rev.02 20110725 c c c c c
ratings and characteristic curves 0.1 0.1 1.0 1.0 .01 10 10 50 100 1000 fig.3-typical forward fig.4-typical reverse fig.1- test circuit diagram and reverse recovery time characteristic characteristics characteristics fig.2-typical forward current average forward current,(a) fig.5-maximum non-repetitive forward surge current fig.6-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) reverse leakage current, ( a) forward voltage,(v) pulse width 300us 1% duty cycle 2 4 6 8 10 12 175 150 125 100 75 50 25 0 (+) (+) 25vdc (approx.) ( ) ( ) 10 noninductive 50 noninductive ? ? pulse generator (note 2) oscilliscope (note 1) 1 non- inductive ? notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .4 .6 .8 1.0 1.2 1.4 1.6 1.8 3.0 single phase half wave 60hz resistive or inductive load derating curve 600v 100v-200v tc=100 c tc=25 c tj=25 c 25 0 50 75 100 125 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 0 25 50 75 100 125 150 175 case temperature,( c) 0 percent of rated peak reverse voltage,(%) 20 40 60 80 100 120 140 peak forward surge current,(a) 300v-400v SF801~sf807 http://www.yeashin.com 2 rev.02 20110725


▲Up To Search▲   

 
Price & Availability of SF801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X